Part Number Hot Search : 
C3858 0512E TFS152 USD640 ZXCT1051 UPD780 G4PH30 025AF
Product Description
Full Text Search
 

To Download SR220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SR220 thru sr2100 do-41 lead(pb ) - f r ee p b axial lead schottky barrier rectifiers weitron http://www.weitron.com.tw do-41 outline dimensions axial device (th r ough-hole) featu r es: * low forward voltage drop . * high current capability . * high reliability . * high surge current capability . * epitaxial construction . * case: molded plastic. * epoxy: ul 94v-0 rate ?ame retardant. * lead: axial leads, solderable per mil-std-202, method 208 guranteed. * polarity: color band denotes cathode end. * mounting position: any. * weight: 0.34 grams. mechanical data: genera l purpose rectifiers 2.0 amperes 20-100 v o l ts 1/3 31-jan-07
maximum rating characteristic v rrm v rms v dc i a v i fsm t j t s t g r ja 35 20 14 20 30 21 30 40 28 50 50 35 50 2.0 50 -65 to +150 0.55 0.70 0.85 2.0 20 -55 to +125 60 42 60 80 56 80 100 70 100 v v v uuits a a c/w characteristic electrical characteristic m aximum d c r e v erse c u r r e n t r a t ed dc blocking v oltag e , t a =25c t a =100c maximum instanatneous forward voltage i f =2.0a t ypical jun c tion c apacitan c e v f i r c p v ma pf 170 symbol weitron SR220 sr230 sr240 sr250 sr260 sr280 sr2100 SR220 sr230 sr240 sr250 sr260 sr280 sr2100 uuits symbol http://ww w .weitron.com.tw 2/3 m aximum r epetiti v e peak r e v erse v oltage m aximum rms v oltage m aximum dc bloc k ing v oltage m aximum a v e r age f o r w a r d r e c ti?ed cu r r e n t t ypical the r mal r esistan c e 1 ope r a ting jun c tion t empe r a tu r e r ange s t o r age t empe r a tu r e r ange no t es 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to ambient vertical pc board mounting 0.5(12.7mm) lead length . c c peak forward surge current 8.3ms single half sine-wave superimposed on rated load SR220 thru sr2100 31-jan-07
weitron http://ww w .weitron.com.tw 3/3 SR220 thru sr2100 31-jan-07 0.1 1.0 0.01 10 50 fig.1-typical forward current der a ting curve ) a ( , t n e r r u c d r a w r o f e g a r e v a fig.4-typical junction capaci t ance reverse voltage,(v) ) f p ( , e c n a t i c a p a c n o i t c n u j ) a ( , t n e r r u c d r a w r o f s u o e n a t n a t s n i forward vol t age,(v) pulse width 300us 1% duty cycle 0.4 0.8 1.2 1.6 2.0 2.4 700 600 500 400 300 200 100 0 0.01 0.05 0.1 0.5 1 5 10 50 100 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 3.0 .1 1.0 10 100 fig.5 - typical reverse characteristics ) a m ( , t n e r r u c e g a k a e l e s r e v e r 0 20 40 60 80 100 120 140 .01 tj=75 c s r 2 2 0 ~ s r 2 4 0 s r 2 5 0 ~ s r 2 1 0 0 s r 2 5 0 ~ s r 2 6 0 s r 2 8 0 ~ s r 2 1 0 0 s r 2 2 0 ~ s r 2 4 0 tj=25 c tj=25 c ambient temperature,(c) 0 0 2 0 4 0 6 0 8 0 10 0 12 0 14 0 16 0 18 0 200 fig.2-typical forward percent of rated peak reverse voltage,(%) fig.3-maximum non-repetitive forward surge current 0 20 10 30 50 40 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method ) a ( , t n e r r u c e g r u s d r a w r o f k a e p ratings and characteristics curves


▲Up To Search▲   

 
Price & Availability of SR220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X